Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH79F166AP044PR Fiches technique(PDF) 41 Page - List of Unclassifed Manufacturers

No de pièce SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Fiches technique(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 37Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 38Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 39Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 40Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 41Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 42Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 43Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 44Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 113 page
background image
SH79F166A
41
方式1:16位自动重载定时器
在16位自动重载方式下,定时器2可以被选为递增计数或递减计数。这个功能通过T2MOD中的DCEN位(递减计数允许)
选择。系统复位后,DCEN位复位值为0,定时器2默认递增计数。当设置DCEN时,定时器2递增计数或递减计数取决于T2EX
引脚上的电平。
当DCEN = 0,通过在T2CON中的EXEN2位选择两个选项。
如果EXEN2 = 0,定时器2递增到0FFFFH,在溢出后置起TF2位,同时定时器自动将用户软件写好的寄存器RCAP2H和
RCAP2L的16位值装入TH2和TL2寄存器。
如果EXEN2 = 1,溢出或在外部输入T2EX上的下降沿都能触发一个16位重载,置起EXF2位。如果ET2被使能,TF2和EXF2
位都能产生一个中断。
TF2
C/T2
=0
=1
The Block Diagram of Auto Relode Mode (Mode 1)of Timer2 (DCEN=0)
RCAP2L
RCAP2H
EXF2
+
0:Switch Off
1:Switch On
Increment Mode
0:Switch Off
1:Switch On
External Falling
Edge flag
TL2
TH2
+
T2EX
T2
Interrupt
Request
Overflow
Flag
TR2
EXEN2
System Clock
设置DCEN位允许定时器2递增计数或递减计数。当DCEN = 1时,T2EX引脚控制计数的方向,而EXEN2控制无效。
T2EX置1可使定时器2递增计数。定时器向0FFFFH溢出,然后设置TF2位。溢出也能分别引起RCAP2H和RCAP2L上的16
位值重载入定时器寄存器。
T2EX清0可使定时器2递减计数。当TH2和TL2的值等于RCAP2H和RCAP2L的值时,定时器溢出。置起TF2位,同时0FFFFH
重载入定时器寄存器。
无论定时器2溢出,EXF2位都被用作结果的第17位。在此工作方式下,EXF2不作为中断标志。
TF2
TR2
C/T2
The Block Diagram of Auto-Reload Mode ( Mode 1) of Timer2 (DCEN=1)
T2EX
EXF2
Toggle
1.T2EX=1, Timer2 is up counter
2.T2EX=0, Timer2 is down counter
T2
System
Clock
TL2
TH2
RCAP2L
RCAP2H
FFH
FFH
=0
=1
0:Switch Off
1:Switch On
Overflow
Flag
Interrupt
Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More