Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH79F166AP044PR Fiches technique(PDF) 51 Page - List of Unclassifed Manufacturers

No de pièce SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Fiches technique(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 47Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 48Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 49Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 50Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 51Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 52Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 53Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 54Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 113 page
background image
SH79F166A
51
7.8.5 定时器5
定时器5是16位自动重载定时器。通过两个数据寄存器TH5和TL5访问,由T5CON寄存器控制。IEN0寄存器的ET5位置1允
许定时器5中断(详见中断章节)。
当TH5和TL5被写时,用作定时器重载寄存器,当被读时,被用做计数寄存器。TR5位置1使定时器5开始递增计数。定时器
在0xFFFF到0x0000溢出并置TF5位为1。溢出同时,定时器重载寄存器的16位数据重新载入计数寄存器中,对TH5的写操作也
导致重载寄存器的数据重新载入计数寄存器。
TH5和TL5读写操作遵循以下顺序:
写操作:先低位后高位
读操作:先高位后低位
定时器5方式
定时器5有一种工作方式:16位自动重载定时器。
16位自动重载定时器
定时器5在方式0为16位自动重载定时器。TH5寄存器存放16位计数器/定时器高8位,TL5存放低8位。当16位定时寄存器从
0xFFFF到0x0000递增,并溢出时,系统置定时器溢出标志TF5(T5CON.7)为1,16位寄存器的值被重新载入计数器,如果允
许定时器5中断则产生中断。
T5CON.1寄存器的TR5位置1允许定时器5,且不清定时器5的计数器。在允许定时器5之前,将希望的初始值写入定时器重
载寄存器中。
TF5
The Block Diagram of Mode 0 of Timer 5
TL5
TH5
Increment Mode
0:Switch Off
1:Switch On
16 bit Counter
Interrupt
Request
Overflow
Flag
TR5
System Clock
Prescaler
1,8,64,256
T5PS[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More