Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH79F166AP044PR Fiches technique(PDF) 49 Page - List of Unclassifed Manufacturers

No de pièce SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Fiches technique(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 45Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 46Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 47Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 48Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 49Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 50Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 51Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 52Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 113 page
background image
SH79F166A
49
方式2:带边沿触发的16位自动重载定时器
定时器4在方式2为16位自动重载定时器。T4CON.0寄存器的T4CLKS位一直为0,定时器4只能选择系统时钟为时钟源,其
余设置与方式0一致。
方式2中,T4CON.1的TR4位置1,定时器4等待T4端口的触发信号(由T4M[1:0]控制上升/下降沿)开始计数,一个触发信
号使定时器4开始运行。当定时器4从0xFFFF到0x0000溢出时,TF4(T4CON.7)会被置起,如定时器4的中断使能,将产生定
时器4中断。T4CLKS位始终为0。定时器4的时钟为系统时钟。定时器重载寄存器的数据重载入TH4和TL4中,保持到下一个触
发信号。
在方式2下,当TR4位置1后,定时器4在来自T4口的有效信号(T4M[1:0]决定的上升或下降沿)触发下开始计数。当定时器
4在0xFFFF到0x0000溢出时置TF4位为1。溢出同时,定时器重载寄存器的16位数据被重新载入计数寄存器TH4和TL4中,定时
器4将保持状态并等待下一个触发沿。
在定时器4工作时同时有一个触发信号时,如果TC4 = 0,忽略此信号;如果TC4 = 1,定时器4被触发。
TR4置1不清定时器4的计数器,在允许定时器之前应该把希望的初始化值写入重载寄存器。
TF4
The Block Diagram of Mode 2 of Timer 4
TL4
TH4
Increment Mode
0:Switch Off
1:Switch On
16 bit Counter
T4
Interrupt
Request
Overflow
Flag
TR4
System Clock
Prescaler
1,8,64,256
T4PS[1:0]
+
control
M2_en
TC4
control
: M2_en set to 1 when T4 edge trig, M2_en set to 0 when counter overflow
注意:
(1) 当定时器4在波特率发生器方式下作为定时器工作时(TR4 = 1),TH4或TL4不能读取或写入。
因为定时器在每个状态时间递增,可能导致读取或写入的结果不精确。
因此,在访问TH4/TL4寄存器之前,定时器4必须被关闭(TR4 = 0)。
(2) 当定时器4用作计数器时,T4引脚的输入信号频率要小于系统时钟的一半。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More