Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH79F166AP044PR Fiches technique(PDF) 36 Page - List of Unclassifed Manufacturers

No de pièce SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Fiches technique(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 32Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 33Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 34Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 35Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 36Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 37Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 38Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 39Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 113 page
background image
SH79F166A
36
7.7.3 端口模块图
Data
Register
Data Bus
Write
Read Port Pad
PxCRy
Read Data Register/Pad Selection
Read
PxPCRy
Output Mode
I/O Pad
0: From Pad
1: From data register
SFEN
Second
Function
Input Mode
Read Port Data Register
(Pull-up)
0 = ON
1 = OFF
VDD
VDD
0 = OFF
1 = ON
注意:
(1) 输入端口读操作直接读引脚电平。
(2) 输出端口读操作的输入源有两种,一种是从端口数据寄存器读取,另一种是直接读引脚电平。
(3) 用读取指令来区分:读-改-写指令是读寄存器,而其它指令读引脚电平。
(4) 不管端口是否共用为其他功能,对端口写操作都是针对端口数据寄存器。
7.7.4 端口共用
41个双向I/O端口也能共用作为第二或第三种特殊功能。共用优先级按照外部最高内部最低的规则:
在引脚配置图中引脚最外边标注功能享有最高优先级,最里边标注功能享有最低优先级。这意味着一个引脚已经使用较高
优先级功能(如果被允许的话),就不能用作较低优先级功能,即使较低优先级功能被允许。只有较高优先级功能由硬件或软
件关闭后,相应的引脚才能用作较低优先级功能。上拉电阻也由相同规则控制。
当允许端口复用为其它功能时,用户可以修改PxCR﹑PxPCR (x = 0-5),但在复用的其它功能被禁止前,这些操作不会
影响端口状态。
当允许端口复用为其它功能时,任何对端口的读写操作只会影响到数据寄存器的值,端口引脚值保持不变,直到复用的其
它功能关闭。
PORT0:
- LCD Segment 17-19(P0.0-P0.2)
- PWM01:PWM01输出(P0.2)
- PWM0:PWM0输出(P0.3)
- INT0:外部中断0(P0.4)
- INT1:外部中断1(P0.5)
- INT2:外部中断2(P0.6)
- INT3:外部中断3(P0.7)
- T2:定时器2外部输入/波特率时钟输出(P0.5)
- T2EX:定时器2重载/捕捉/方向控制(P0.4)
- T4:定时器4外部输入/波特率时钟输出(P0.3)
- XTALX1:子振荡器输入(P0.7)
- XTALX2:子振荡器输出(P0.6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More