Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8811U/2DA/1 Fiches technique(PDF) 31 Page - NXP Semiconductors

No de pièce PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Fiches technique(HTML) 31 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 27Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 28Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 29Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 30Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 31Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 32Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 33Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 34Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
2004 May 17
31
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
Table 11 Multiplication settings
Table 12 VOS values in twos complement notation
S[1:0]
DESCRIPTION
00
4
× voltage multiplier
01
5
× voltage multiplier
10
6
× voltage multiplier
11
7
× voltage multiplier
DECIMAL
BINARY
0
00000
+1
00001
+2
00010
+3
00011
+4
00100
+5
00101
+6
00110
+7
00111
+8
01000
+9
01001
+10
01010
+11
01011
+12
01100
+13
01101
+14
01110
+15
01111
−1
11111
−2
11110
−3
11101
−4
11100
−5
11011
−6
11010
−7
11001
−8
11000
−9
10111
−10
10110
−11
10101
−12
10100
−13
10011
−14
10010
−15
10001
−16
10000
DECIMAL
BINARY
13.1.2
SPECIFIC COMMANDS OF THE BASIC COMMAND SET
Table 13 Explanation of symbols
BIT
LOGIC 0
LOGIC1
RESET STATE
VPR[5:0]
programming value of VLCD
000000
VOFF[2:0]
offset for the programming value of VLCD
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73