Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8811U/2DA/1 Fiches technique(PDF) 53 Page - NXP Semiconductors

No de pièce PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Fiches technique(HTML) 53 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 49Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 50Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 51Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 52Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 53Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 54Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 55Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 56Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
2004 May 17
53
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
21 APPLICATION INFORMATION
Semiconductors are light sensitive. Exposure to light sources can cause malfunction of the IC. In the application it is
therefore required to protect the IC from light. The protection has to be done on all sides of the IC, i.e. front, rear and all
edges.
The pinning of the PCF8811 has an optimum design for single plane wiring e.g. for chip-on-glass display modules.
Display size: 80
× 128 pixels.
For further application information refer to Philips Application note AN10170.
handbook, full pagewidth
MGW762
DISPLAY 80
× 128 pixels
I/O
CVLCD
PCF8811
VDD
VSS
CVDD
Fig.44 Application diagram: internal charge pump is used and a single supply.
handbook, full pagewidth
DISPLAY 80
× 128 pixels
MGW763
VDD2
VDD1
I/O
VSS
CVLCD
CVDD2
CVDD1
PCF8811
Fig.45 Application diagram: internal charge pump is used and two separate supplies (VDD1 and VDD2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73