Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8811U/2DA/1 Fiches technique(PDF) 12 Page - NXP Semiconductors

No de pièce PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Fiches technique(HTML) 12 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 8Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 9Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 10Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 11Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 12Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 13Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 14Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 15Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
2004 May 17
12
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
handbook, full pagewidth
MGW737
010
111
2
3
4
5
0
9
0
127
X address
Y address
6
7
8
9
1279
Fig.5 Sequence of writing data bytes into the RAM with vertical addressing (V = 1) (extended command set).
9.1.2.2
Data order
The data order bit (DOR) defines the bit order (LSB or MSB on top) for writing into the RAM (see Figs 6 and 7). This
feature is only available in the extended command set.
handbook, full pagewidth
MGW738
LSB
MSB
LSB
MSB
Fig.6 RAM byte organisation, if DOR = 0 (extended command set).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73