Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8811U/2DA/1 Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 9Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 10Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 11Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 12Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 13Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 14Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 15Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 16Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
2004 May 17
13
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
9.1.3
FEATURES AVAILABLE IN BOTH COMMAND SETS
9.1.3.1
Mirror X (MX)
The MX bit allows horizontal mirroring: when MX = 1 the X address space is mirrored; the address X = 0 is then located
at the right side (X max) of the display (see Fig.8). When MX = 0 the mirroring is disabled and the address X = 0 is
located at the left side (column 0) of the display (see Fig.9).
handbook, full pagewidth
MGW739
MSB
LSB
MSB
LSB
Fig.7 RAM byte organisation, if DOR = 1 (extended command set).
handbook, full pagewidth
MGW740
0
Y max
0
X max
X address
Y address
Fig.8 RAM format addressing (MX = 1) (both command sets).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73