Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F269Z1Q6 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ST10F269Z1Q6 Datasheet

  • # Example questions: ➢ The datasheet mentions both 'wr' and 'wrl' modes for the ~~wr/wrl~~ pin. explain the difference between these two modes and how they are configured.
    ➢ What is the purpose of the ~~ea~~ pin, and how does its logic level (high or low) affect the microcontroller's boot-up behavior?
    ➢ What are the primary functions of port 4, and how can it be used in an external bus configuration?

  • Part No.ST10F269Z1Q6
    ManufacturerSTMICROELECTRONICS
    Size3Mb
    Pages184 pages
    Description16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
    Datasheet Summary with AI

    ## Summary of the Provided Text (ST10F269 Pinout & Descriptions)

    This document details the pinout and functionality of the ST10F269 microcontroller. Here's a breakdown of the key information:

    ️· Comprehensive Pin Descriptions: It lists each pin of the ST10F269, including its symbol, pin number, input/output type (I, O, or I/O), and a detailed description of its function.
    ️· Port-Based Organization: Pins are grouped and described by their corresponding ports (P2, P3, P4, etc.).
    ️· Multiple Functions: Many pins have multiple functions or alternate uses, which are clearly explained. This includes:
    - General Purpose I/O (GPIO): Basic input/output capabilities.
    - External Memory Interface: Pins dedicated to interfacing with external memory (address lines, read/write strobes, etc.).
    - Serial Communication: Pins for communication protocols like UART (ASC0), SPI (SSC), and CAN.
    - Timers/Counters: Pins connected to the microcontroller's timer/counter modules.
    - Interrupts: External interrupt inputs.
    ️· Configurable Options: Several pin functions are configurable, allowing the user to customize the microcontroller’s behavior. This includes:
    - Input threshold levels (TTL or special)
    - Open-drain vs. push-pull output configuration
    - Ready signal active level
    - External memory access modes (WR/WRL)
    ️· External Bus Support: The pinout clearly indicates pins that support external memory interfacing for expanded program and data storage.
    ️· Detailed Explanations: Descriptions go into sufficient detail to understand each pin's purpose and how it interacts with the system.



    In essence, this document is a technical reference guide for anyone designing a system using the ST10F269 microcontroller, providing all the necessary information to correctly connect and configure the microcontroller's pins.

    ## Summary of the Provided Text (ST10F269 Pinout & Descriptions)

    This document details the pinout and functionality of the ST10F269 microcontroller. Here's a breakdown of the key information:

    ️· Comprehensive Pin Descriptions: It lists each pin of the ST10F269, including its symbol, pin number, input/output type (I, O, or I/O), and a detailed description of its function.
    ️· Port-Based Organization: Pins are grouped and described by their corresponding ports (P2, P3, P4, etc.).
    ️· Multiple Functions: Many pins have multiple functions or alternate uses, which are clearly explained. This includes:
    - General Purpose I/O (GPIO): Basic input/output capabilities.
    - External Memory Interface: Pins dedicated to interfacing with external memory (address lines, read/write strobes, etc.).
    - Serial Communication: Pins for communication protocols like UART (ASC0), SPI (SSC), and CAN.
    - Timers/Counters: Pins connected to the microcontroller's timer/counter modules.
    - Interrupts: External interrupt inputs.
    ️· Configurable Options: Several pin functions are configurable, allowing the user to customize the microcontroller’s behavior. This includes:
    - Input threshold levels (TTL or special)
    - Open-drain vs. push-pull output configuration
    - Ready signal active level
    - External memory access modes (WR/WRL)
    ️· External Bus Support: The pinout clearly indicates pins that support external memory interfacing for expanded program and data storage.
    ️· Detailed Explanations: Descriptions go into sufficient detail to understand each pin's purpose and how it interacts with the system.



    In essence, this document is a technical reference guide for anyone designing a system using the ST10F269 microcontroller, providing all the necessary information to correctly connect and configure the microcontroller's pins.

    Part No.ST10F269Z1Q6
    ManufacturerSTMICROELECTRONICS
    Size3Mb
    Pages184 pages
    Description16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM