Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE16M31PX Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 40Page - STMicroelectronics STMPE16M31PX Datasheet HTML 41Page - STMicroelectronics STMPE16M31PX Datasheet HTML 42Page - STMicroelectronics STMPE16M31PX Datasheet HTML 43Page - STMicroelectronics STMPE16M31PX Datasheet HTML 44Page - STMicroelectronics STMPE16M31PX Datasheet HTML 45Page - STMicroelectronics STMPE16M31PX Datasheet HTML 46Page - STMicroelectronics STMPE16M31PX Datasheet HTML 47Page - STMicroelectronics STMPE16M31PX Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
Basic PWM programming
STMPE16M31PX
44/75
Doc ID 17058 Rev 2
12
Basic PWM programming
The PWM controllers are capable of generating the following brightness patterns:
Figure 9.
Pulses with programmable brightness, ON/OFF period and repetition
The registers need to be programmed for this sequence:
–
On period = Period 0[1:0] * Time Unit [3:0]
–
Off period = Period 1[1:0] * Time Unit [3:0]
–
Duty cycle during on period = Brightness [7:4]
–
Number of cycles = Repetition [3:0]
–
Ramp-mode is disabled
Figure 10.
Ramps with programmable brightness, ON/OFF period and repetition
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75