| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE16M31PX Fiches technique(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE16M31PX Fiches technique(HTML) 43 Page - STMicroelectronics |
|
43 / 75 page ![]() STMPE16M31PX PWM controller Doc ID 17058 Rev 2 43/75 PWM_n_TRIG PWM-N trigger register Address: 0x43, 0x47, 0x4B, 0x4F, 0x53, 0x57, 0x5B, 0x5F Type: RW Reset: 0x00 Description: Setting of touch sensor-triggered PWM. Note: The PWM cannot be programmed to be triggered by a proximity sensing input. 76 543 210 RESERVED EN TS_CH RW RW RW RW RW RW RW RW 00 000 000 [7:6] RESERVED [6:5] EN: Write ‘1’ to enable touch sensor-triggered PWM function Write ‘0’ to disable touch sensor-triggered PWM function [4:0] TS_CH Define the touch sensor channel which is set as trigger of the corresponding PWM channel. Obsolete Product(s) - Obsolete Product(s) |