| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE16M31PX Fiches technique(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE16M31PX Fiches technique(HTML) 53 Page - STMicroelectronics |
|
53 / 75 page ![]() STMPE16M31PX Touch sensor controller Doc ID 17058 Rev 2 53/75 CH_SEL Channel selection register Address: 0x72-0x73 Type: RW Reset: 0x000000 Description: This register configures the active capacitive sensing channels. Bit 7-0 (0x72) Bit 15-8 (0x73) 76 543 210 S7 S6 S5 S4 S3 S2 S1 S0 RW RW RW RW RW RW RW RW 00 000 000 76 543 210 S15 S14 S13 S12 S11 S10 S9 S8 RW RW RW RW RW RW RW RW 00 000 000 [7:0] S-X Write ‘1’ to enable the corresponding capacitive sensor channel Write ‘0’ to disable the corresponding capacitive sensor channel Obsolete Product(s) - Obsolete Product(s) |