| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE16M31PX Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE16M31PX Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 75 page ![]() STMPE16M31PX GPIO controller Doc ID 17058 Rev 2 35/75 GPIO_AF GPIO function register Address: 0x16 – 0x17 Type: RW Reset: 0x00 Description: Setting of the GPIO function. LSB (0x16) MSB (0x17) 76 543 210 IO-7 IO-6 IO-5 IO-4 IO-3 IO-2 IO-1 IO-0 RW RW RW RW RW RW RW RW 00 000 000 76 543 210 IO-15 IO-14 IO-13 IO-12 IO-11 IO-10 IO-9 IO-8 RW RW RW RW RW RW RW RW 00 000 000 [7:0] IO - X Write ‘1’ to set the corresponding GPIO to alternate function (IO) Write ‘0’ to set the corresponding GPIO to primary function (capacitive sensor) Obsolete Product(s) - Obsolete Product(s) |