Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE16M31PX Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 30Page - STMicroelectronics STMPE16M31PX Datasheet HTML 31Page - STMicroelectronics STMPE16M31PX Datasheet HTML 32Page - STMicroelectronics STMPE16M31PX Datasheet HTML 33Page - STMicroelectronics STMPE16M31PX Datasheet HTML 34Page - STMicroelectronics STMPE16M31PX Datasheet HTML 35Page - STMicroelectronics STMPE16M31PX Datasheet HTML 36Page - STMicroelectronics STMPE16M31PX Datasheet HTML 37Page - STMicroelectronics STMPE16M31PX Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 75 page
background image
GPIO controller
STMPE16M31PX
34/75
Doc ID 17058 Rev 2
GPIO_SET_PIN
GPIO set pin state register
Address:
0x14 – 0x15
Type:
RW
Reset:
0x00
Description:
Setting of the I/O output state.
LSB (0x14)
MSB (0x15)
76
543
210
IO-7
IO-6
IO-5
IO-4
IO-3
IO-2
IO-1
IO-0
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
76
543
210
IO-15
IO-14
IO-13
IO-12
IO-11
IO-10
IO-9
IO-8
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7:0] IO - X
Write ‘1’ to set the corresponding IO output state to HIGH
Write ‘0’ to set the corresponding IO output state to LOW
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75