Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE16M31PX Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 10Page - STMicroelectronics STMPE16M31PX Datasheet HTML 11Page - STMicroelectronics STMPE16M31PX Datasheet HTML 12Page - STMicroelectronics STMPE16M31PX Datasheet HTML 13Page - STMicroelectronics STMPE16M31PX Datasheet HTML 14Page - STMicroelectronics STMPE16M31PX Datasheet HTML 15Page - STMicroelectronics STMPE16M31PX Datasheet HTML 16Page - STMicroelectronics STMPE16M31PX Datasheet HTML 17Page - STMicroelectronics STMPE16M31PX Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
Write operations
STMPE16M31PX
14/75
Doc ID 17058 Rev 2
4
Write operations
4.1
Write operations for one or more bytes
A write is first performed to load the base register address into the Address Counter without
sending a Stop condition. After the bus master receives an acknowledgement from the
slave device, it may start to send a data byte to the register (pointed by the Address
Counter). The slave device again acknowledges and the bus master terminates the transfer
with a Stop condition.
If the bus master would like to continue to write more data, it can just continue write
operation without issuing the Stop condition. After the bus master writes the last data byte
and the slave device acknowledges the receipt of the last data, the bus master may
terminate the write operation by sending a Stop condition. When the Address Counter
reaches the last memory address, it 'rolls-over' on the next data byte write.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75