Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE16M31PX Fiches technique(PDF) 65 Page - STMicroelectronics

No de pièce STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Fiches technique(HTML) 65 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 61Page - STMicroelectronics STMPE16M31PX Datasheet HTML 62Page - STMicroelectronics STMPE16M31PX Datasheet HTML 63Page - STMicroelectronics STMPE16M31PX Datasheet HTML 64Page - STMicroelectronics STMPE16M31PX Datasheet HTML 65Page - STMicroelectronics STMPE16M31PX Datasheet HTML 66Page - STMicroelectronics STMPE16M31PX Datasheet HTML 67Page - STMicroelectronics STMPE16M31PX Datasheet HTML 68Page - STMicroelectronics STMPE16M31PX Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
STMPE16M31PX
Touchkey and proximity sensing controller
Doc ID 17058 Rev 2
65/75
PROX_CFG
Proximity configuration register
Address:
0x96
Type:
RW
Reset:
0x00
Description:
Proximity configuration register.
76
543
210
DITHERING
RESERVED
PROXIMITY CALIBRATION INTERVAL
ACCESS MODE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
000
000
[7:6] DITHERING FACTOR
00 - 4x
01 -8x
10 -16x
11-32x
The higher the dithering factor, the more sensitive the proximity sensing is. However, the speed
will be slower.
[5] Reserved
[4:2] Proximity calibration interval:
000-1
001-2
010-4
011-8
100-16
Others: reserved
Controls the number of dithered impedance sampling between successive calibrations. Shorter
calibration interval allows it to adapts quickly to changes in environmental factors, but reduces
the sensitivity to slowly approaching hand.
[1:0] Access mode:
00-dithered impedance
01- calibrated dithered impedance
others: reserved
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75