Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE16M31PX Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 37Page - STMicroelectronics STMPE16M31PX Datasheet HTML 38Page - STMicroelectronics STMPE16M31PX Datasheet HTML 39Page - STMicroelectronics STMPE16M31PX Datasheet HTML 40Page - STMicroelectronics STMPE16M31PX Datasheet HTML 41Page - STMicroelectronics STMPE16M31PX Datasheet HTML 42Page - STMicroelectronics STMPE16M31PX Datasheet HTML 43Page - STMicroelectronics STMPE16M31PX Datasheet HTML 44Page - STMicroelectronics STMPE16M31PX Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
STMPE16M31PX
PWM controller
Doc ID 17058 Rev 2
41/75
PWM_n_CTRL
PWM-n control register
Address:
0x41, 0x45, 0x49, 0x4D, 0x51, 0x55, 0x59, 0x5D
Type:
RW
Reset:
0x00
Description:
Setting of ON/OFF period, repetition, and ON/OFF order.
76
543
210
Period 0
Period 1
Repetition
Order
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7:6] Period 0
Define the ON time based on time unit set in PWM-N setup register
‘00’ : 1 time unit
‘01’ : 2 time unit
‘10’ : 3 time unit
‘11’ : 4 time unit
[5:4] Period 1
Define the OFF time based on time unit set in PWM-N setup register
‘00’ : 1 time unit
‘01’ : 2 time unit
‘10’ : 3 time unit
‘11’ : 4 time unit
[3:1] Repetition
Set the repetition of programmed sequence (pair of period 0 and period 1)
‘000’ : Infinite repetition
‘001’ : Execute only one pair
‘010’ : Execute 2 pairs
‘011’ : Execute 3 pairs
‘100’ : Execute 4 pairs
‘101’ : Execute 5 pairs
‘110’ : Execute 6 pairs
‘111’ : Execute 7 pairs
[0] Order
Set the order of period 0 and period 1
‘1’ : sequence = period 1 and then period 0
‘0’ : sequence = period 0 and then eriod 1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75