Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C161PI Fiches technique(PDF) 26 Page - Infineon Technologies AG

No de pièce C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Fiches technique(HTML) 26 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 22Page - Infineon Technologies AG C161PI Datasheet HTML 23Page - Infineon Technologies AG C161PI Datasheet HTML 24Page - Infineon Technologies AG C161PI Datasheet HTML 25Page - Infineon Technologies AG C161PI Datasheet HTML 26Page - Infineon Technologies AG C161PI Datasheet HTML 27Page - Infineon Technologies AG C161PI Datasheet HTML 28Page - Infineon Technologies AG C161PI Datasheet HTML 29Page - Infineon Technologies AG C161PI Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
&3,
Data Sheet
24
1999-07
Real Time Clock
The Real Time Clock (RTC) module of the C161PI consists of a chain of 3 divider blocks,
a fixed 8:1 divider, the reloadable 16-bit timer T14, and the 32-bit RTC timer (accessible
via registers RTCH and RTCL). The RTC module is directly clocked with the on-chip
oscillator frequency divided by 32 via a separate clock driver (
I
RTC = IOSC / 32) and is
therefore independent from the selected clock generation mode of the C161PI. All timers
count up.
The RTC module can be used for different purposes:
• System clock to determine the current time and date
• Cyclic time based interrupt
• 48-bit timer for long term measurements
Figure 8
RTC Block Diagram
Note: The registers associated with the RTC are not effected by a reset in order to
maintain the correct system time even when intermediate resets are executed.
RTCL
RTCL
T14
T14REL
8:1
f
RTC
Reload
Interrupt
Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82