Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C161PI Fiches technique(PDF) 4 Page - Infineon Technologies AG

No de pièce C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Fiches technique(HTML) 4 Page - Infineon Technologies AG

  C161PI Datasheet HTML 1Page - Infineon Technologies AG C161PI Datasheet HTML 2Page - Infineon Technologies AG C161PI Datasheet HTML 3Page - Infineon Technologies AG C161PI Datasheet HTML 4Page - Infineon Technologies AG C161PI Datasheet HTML 5Page - Infineon Technologies AG C161PI Datasheet HTML 6Page - Infineon Technologies AG C161PI Datasheet HTML 7Page - Infineon Technologies AG C161PI Datasheet HTML 8Page - Infineon Technologies AG C161PI Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
&3,
Data Sheet
2
1999-07
This document describes the SAB-C161PI-LM, the SAB-C161PI-LF, the SAF-C161PI-
LM and the SAF-C161PI-LF.
For simplicity all versions are referred to by the term C161PI throughout this document.
Ordering Information
The ordering code for Infineon microcontrollers provides an exact reference to the
required product. This ordering code identifies:
• the derivative itself, i.e. its function set
• the specified temperature range
• the package
• the type of delivery.
For the available ordering codes for the C161PI please refer to the
„Product Catalog Microcontrollers“, which summarizes all available microcontroller
variants.
Note: The ordering codes for Mask-ROM versions are defined for each product after
verification of the respective ROM code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82