| Moteur de recherche de fiches techniques de composants électroniques |
|
C161PI Fiches technique(PDF) 8 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C161PI Fiches technique(HTML) 8 Page - Infineon Technologies AG |
|
8 / 82 page ![]() &3, Data Sheet 6 1999-07 Table 1 Pin Definitions and Functions Symbol Pin Num. TQFP Pin Num. MQFP Input Outp. Function P5 P5.0 P5.1 P5.2 P5.3 P5.14 P5.15 97 98 99 100 1 2 99 100 1 2 3 4 I I I I I I I Port 5 is a 6-bit input-only port with Schmitt-Trigger characteristics. The pins of Port 5 also serve as (up to 4) analog input channels for the A/D converter, or they serve as timer inputs: AN0 AN1 AN2 AN3 T4EUD GPT1 Timer T4 Ext. Up/Down Ctrl. Input T2EUD GPT1 Timer T5 Ext. Up/Down Ctrl. Input XTAL1 XTAL2 4 5 6 7 I O XTAL1: Input to the oscillator amplifier and input to the internal clock generator XTAL2: Output of the oscillator amplifier circuit. To clock the device from an external source, drive XTAL1, while leaving XTAL2 unconnected. Minimum and maximum high/low and rise/fall times specified in the AC Characteristics must be observed. |