Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM385 Fiches technique(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
No de pièce DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DM385 Fiches technique(HTML) 35 Page - Texas Instruments

Back Button DM385 Datasheet HTML 31Page - Texas Instruments DM385 Datasheet HTML 32Page - Texas Instruments DM385 Datasheet HTML 33Page - Texas Instruments DM385 Datasheet HTML 34Page - Texas Instruments DM385 Datasheet HTML 35Page - Texas Instruments DM385 Datasheet HTML 36Page - Texas Instruments DM385 Datasheet HTML 37Page - Texas Instruments DM385 Datasheet HTML 38Page - Texas Instruments DM385 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 3-11. Ball Characteristics (AAR Package) (continued)
BALL
PINCNTL
PINCNTL
BALL
MODE
RESET
BUFFER
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
REGISTER NAME
DEFAULT
TYPE [7] DSIS [8]
RESET
POWER [11]
HYS [12]
[6]
REL.
TYPE [13]
AND ADDRESS[4]
VALUE[5]
STATE [9]
STATE [10]
W1
CSI2_DY[3]
CSI2_DY[3]
NA /
NA
0x01
I
NA
NA
NA
VDDA_CSI2_1P8
NA
V2
CSI2_DY[4]
CSI2_DY[4]
NA /
NA
0x01
I
NA
NA
NA
VDDA_CSI2_1P8
NA
P15, P17, R15,
CVDD
CVDD
NA /
NA
NA
PWR
NA
NA
NA
NA
R17, T13, T17,
NA
T18, U11, U12,
U15, U17, V11,
V12, V15, V17,
W13, W14, W19,
W20, Y13, Y14,
Y19, Y20
K17, L17, L18,
CVDD_ARM
CVDD_ARM
NA /
NA
NA
PWR
NA
NA
NA
NA
M13, M14, M17
NA
U20, U21, V20,
CVDD_HDVICP
CVDD_HDVICP
NA /
NA
NA
PWR
NA
NA
NA
NA
V21, W22
NA
AL24
DDR[0]_A[0]
DDR[0]_A[0]
NA /
NA
0x01
O
NA
H
1
DVDD_DDR[0]
NA
AC22
DDR[0]_A[1]
DDR[0]_A[1]
NA /
NA
0x01
O
NA
H
1
DVDD_DDR[0]
NA
AJ23
DDR[0]_A[2]
DDR[0]_A[2]
NA /
NA
0x01
O
NA
H
1
DVDD_DDR[0]
NA
AJ27
DDR[0]_A[3]
DDR[0]_A[3]
NA /
NA
0x01
O
NA
H
1
DVDD_DDR[0]
NA
AK28
DDR[0]_A[4]
DDR[0]_A[4]
NA /
NA
0x01
O
NA
H
1
DVDD_DDR[0]
NA
AH27
DDR[0]_A[5]
DDR[0]_A[5]
NA /
NA
0x01
O
NA
H
1
DVDD_DDR[0]
NA
AK30
DDR[0]_A[6]
DDR[0]_A[6]
NA /
NA
0x01
O
NA
H
1
DVDD_DDR[0]
NA
AG23
DDR[0]_A[7]
DDR[0]_A[7]
NA /
NA
0x01
O
NA
H
1
DVDD_DDR[0]
NA
AL29
DDR[0]_A[8]
DDR[0]_A[8]
NA /
NA
0x01
O
NA
H
1
DVDD_DDR[0]
NA
AK29
DDR[0]_A[9]
DDR[0]_A[9]
NA /
NA
0x01
O
NA
H
1
DVDD_DDR[0]
NA
AD23
DDR[0]_A[10]
DDR[0]_A[10]
NA /
NA
0x01
O
NA
H
1
DVDD_DDR[0]
NA
AK24
DDR[0]_A[11]
DDR[0]_A[11]
NA /
NA
0x01
O
NA
H
1
DVDD_DDR[0]
NA
AH23
DDR[0]_A[12]
DDR[0]_A[12]
NA /
NA
0x01
O
NA
H
1
DVDD_DDR[0]
NA
AK23
DDR[0]_A[13]
DDR[0]_A[13]
NA /
NA
0x01
O
NA
H
1
DVDD_DDR[0]
NA
AL23
DDR[0]_A[14]
DDR[0]_A[14]
NA /
NA
0x01
O
NA
H
1
DVDD_DDR[0]
NA
AK22
DDR[0]_A[15]
DDR[0]_A[15]
NA /
NA
0x01
O
NA
H
1
DVDD_DDR[0]
NA
Copyright © 2013, Texas Instruments Incorporated
Device Pins
35
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More