| Moteur de recherche de fiches techniques de composants électroniques |
|
DM385 Fiches technique(PDF) 41 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385 Fiches technique(HTML) 41 Page - Texas Instruments |
|
41 / 281 page ![]() DM385, DM388 www.ti.com SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 Table 3-11. Ball Characteristics (AAR Package) (continued) BALL PINCNTL PINCNTL BALL MODE RESET BUFFER BALL NUMBER [1] BALL NAME [2] SIGNAL NAME [3] REGISTER NAME DEFAULT TYPE [7] DSIS [8] RESET POWER [11] HYS [12] [6] REL. TYPE [13] AND ADDRESS[4] VALUE[5] STATE [9] STATE [10] AE4 EMAC[0]_MTXD[3]/ EMAC[0]_MTXD[3]/ PINCNTL253 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII EMAC[1]_RGTXD[0] EMAC[1]_RGTXD[0] 0x4814 0BF0 EMAC[1]_RMRXD[1] 0x02 I PIN GPMC_A[10] 0x10 O PIN AK8 EMAC[0]_MTXD[4]/ EMAC[0]_MTXD[4]/ PINCNTL254 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII EMAC[1]_RGTXD[2] EMAC[1]_RGTXD[2] 0x4814 0BF4 EMAC[1]_RMRXER 0x02 I 0 GPMC_A[11] 0x10 O PIN AJ8 EMAC[0]_MTXD[5]/ EMAC[0]_MTXD[5]/ PINCNTL255 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII EMAC[1]_RGTXC EMAC[1]_RGTXC 0x4814 0BF8 EMAC[1]_RMCRSDV 0x02 I 0 GPMC_A[12] 0x10 O PIN UART1_RXD 0x20 I 1 AH8 EMAC[0]_MTXD[6]/ EMAC[0]_MTXD[6]/ PINCNTL256 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII EMAC[1]_RGRXD[0] EMAC[1]_RGRXD[0] 0x4814 0BFC EMAC[1]_RMTXD[0] 0x02 O PIN GPMC_A[13] 0x10 O PIN UART1_TXD 0x20 O PIN AG8 EMAC[0]_MTXD[7]/ EMAC[0]_MTXD[7]/ PINCNTL257 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII EMAC[1]_RGTXD[3] EMAC[1]_RGTXD[3] 0x4814 0C00 EMAC[1]_RMTXD[1] 0x02 O PIN GPMC_A[14] 0x10 O PIN UART1_CTS 0x20 I/O 1 AF8 EMAC[0]_MTXEN/ EMAC[0]_MTXEN/ PINCNTL258 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII EMAC[1]_RGRXD[2] EMAC[1]_RGRXD[2] 0x4814 0C04 EMAC[1]_RMTXEN 0x02 O PIN GPMC_A[15] 0x10 O PIN UART1_RTS 0x20 O PIN AG1 EMAC_RMREFCLK EMAC_RMREFCLK PINCNTL232 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII 0x4814 0B9C TIM2_IO 0x40 I/O PIN GP1[10] 0x80 I/O PIN A18 EMU0 EMU0 NA / NA 0x01 I/O NA H H DVDD NA B19 EMU1 EMU1 NA / NA 0x01 I/O NA H H DVDD NA M1 GPMC_A[16] GPMC_A[16] PINCNTL105 / 0x0004 0000 0x01 O PIN L L DVDD_GPMC 0x4814 09A0 GP2[5] 0x80 I/O PIN M2 GPMC_A[17] GPMC_A[17] PINCNTL106 / 0x0004 0000 0x01 O PIN L L DVDD_GPMC 0x4814 09A4 GP2[6] 0x80 I/O PIN Copyright © 2013, Texas Instruments Incorporated Device Pins 41 Submit Documentation Feedback Product Folder Links: DM385 DM388 |