| Moteur de recherche de fiches techniques de composants électroniques |
|
DM385 Fiches technique(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385 Fiches technique(HTML) 17 Page - Texas Instruments |
|
17 / 281 page ![]() DM385, DM388 www.ti.com SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 2.10.2 L4 Memory Map The L4 Fast Peripheral Domain and L4 Slow Peripheral Domain regions of the memory maps above are broken out into Table 2-4 and Table 2-5. For more details on the interconnect topology and connectivity across the L3 and L4 interconnects, see , System Interconnect. 2.10.2.1 L4 Fast Peripheral Memory Map Table 2-4. L4 Fast Peripheral Memory Map Cortex-A8 and L3 Masters SIZE DEVICE NAME START ADDRESS END ADDRESS (HEX) (HEX) 0x4A00_0000 0x4A00_07FF 2KB L4 Fast Configuration - Address/Protection (AP) 0x4A00_0800 0x4A00_0FFF 2KB L4 Fast Configuration - Link Agent (LA) 0x4A00_1000 0x4A00_13FF 1KB L4 Fast Configuration - Initiator Port (IP0) 0x4A00_1400 0x4A00_17FF 1KB L4 Fast Configuration - Initiator Port (IP1) 0x4A00_1800 0x4A00_1FFF 2KB Reserved 0x4A00_2000 0x4A07_FFFF 504KB Reserved 0x4A08_0000 0x4A09_FFFF 128KB Reserved 0x4A0A_0000 0x4A0A_0FFF 4KB Reserved 0x4A0A_E000 0x4A0F_FFFF 380KB Reserved 0x4A10_0000 0x4A10_7FFF 32KB EMAC SW Peripheral Registers 0x4A10_8000 0x4A10_8FFF 4KB EMAC SW Interconnect Registers 0x4A14_0000 0x4A14_FFFF 64KB Reserved 0x4A15_0000 0x4A15_0FFF 4KB Reserved 0x4A15_1000 0x4A17_FFFF 188KB Reserved 0x4A18_0000 0x4A1A_1FFF 136KB Reserved 0x4A1A_2000 0x4A1A_3FFF 8KB Reserved 0x4A1A_4000 0x4A1A_4FFF 4KB Reserved 0x4A1A_5000 0x4A1A_5FFF 4KB Reserved 0x4A1A_6000 0x4A1A_6FFF 4KB Reserved 0x4A1A_7000 0x4A1A_7FFF 4KB Reserved 0x4A1A_8000 0x4A1A_9FFF 8KB Reserved 0x4A1A_A000 0x4A1A_AFFF 4KB Reserved 0x4A1A_B000 0x4A1A_BFFF 4KB Reserved 0x4A1A_C000 0x4A1A_CFFF 4KB Reserved 0x4A1A_D000 0x4A1A_DFFF 4KB Reserved 0x4A1A_E000 0x4A1A_FFFF 8KB Reserved 0x4A1B_0000 0x4A1B_0FFF 4KB Reserved 0x4A1B_1000 0x4A1B_1FFF 4KB Reserved 0x4A1B_2000 0x4A1B_2FFF 4KB Reserved 0x4A1B_3000 0x4A1B_5FFF 12KB Reserved 0x4A1B_6000 0x4A1B_6FFF 4KB Reserved 0x4A1B_4000 0x4AFF_FFFF 14632KB Reserved Copyright © 2013, Texas Instruments Incorporated Device Overview 17 Submit Documentation Feedback Product Folder Links: DM385 DM388 |