| Moteur de recherche de fiches techniques de composants électroniques |
|
DM385 Fiches technique(PDF) 40 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385 Fiches technique(HTML) 40 Page - Texas Instruments |
|
40 / 281 page ![]() DM385, DM388 SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 www.ti.com Table 3-11. Ball Characteristics (AAR Package) (continued) BALL PINCNTL PINCNTL BALL MODE RESET BUFFER BALL NUMBER [1] BALL NAME [2] SIGNAL NAME [3] REGISTER NAME DEFAULT TYPE [7] DSIS [8] RESET POWER [11] HYS [12] [6] REL. TYPE [13] AND ADDRESS[4] VALUE[5] STATE [9] STATE [10] AK3 EMAC[0]_MRXD[3]/ EMAC[0]_MRXD[3]/ PINCNTL243 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII EMAC[1]_RGRXCTL EMAC[1]_RGRXCTL 0x4814 0BC8 GPMC_A[27] 0x04 O PIN GPMC_A[26] 0x08 O PIN GPMC_A[0] 0x10 O PIN AK4 EMAC[0]_MRXD[4]/ EMAC[0]_MRXD[4]/ PINCNTL244 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII EMAC[0]_RGRXD[3] EMAC[0]_RGRXD[3] 0x4814 0BCC GPMC_A[1] 0x10 O PIN AJ4 EMAC[0]_MRXD[5]/ EMAC[0]_MRXD[5]/ PINCNTL245 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII EMAC[0]_RGTXD[3] EMAC[0]_RGTXD[3] 0x4814 0BD0 GPMC_A[2] 0x10 O PIN AL5 EMAC[0]_MRXD[6]/ EMAC[0]_MRXD[6]/ PINCNTL246 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII EMAC[0]_RGTXD[2] EMAC[0]_RGTXD[2] 0x4814 0BD4 GPMC_A[3] 0x10 O PIN AK5 EMAC[0]_MRXD[7]/ EMAC[0]_MRXD[7]/ PINCNTL247 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII EMAC[0]_RGTXD[1] EMAC[0]_RGTXD[1] 0x4814 0BD8 GPMC_A[4] 0x10 O PIN SPI[2]_SCS[3] 0x20 I/O 1 AJ2 EMAC[0]_MRXER/ EMAC[0]_MRXER/ PINCNTL238 / 0x000C 0000 0x01 I/O 0 L L DVDD_RGMII EMAC[0]_RGTXCTL EMAC[0]_RGTXCTL 0x4814 0BB4 VIN[1]B_D[3] 0x02 I PIN EMAC[0]_RMRXER 0x04 I 0 GP3[26] 0x80 I/O PIN AG4 EMAC[0]_MTCLK/ EMAC[0]_MTCLK/ PINCNTL235 / 0x000C 0000 0x01 I/O 0 L L DVDD_RGMII EMAC[0]_RGRXC EMAC[0]_RGRXC 0x4814 0BA8 VIN[1]B_D[0] 0x02 I PIN SPI[3]_SCS[3] 0x20 I/O 1 I2C[2]_SDA 0x40 I/O 1 GP3[23] 0x80 I/O PIN AK6 EMAC[0]_MTXD[0]/ EMAC[0]_MTXD[0]/ PINCNTL250 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII EMAC[1]_RGRXD[3] EMAC[1]_RGRXD[3] 0x4814 0BE4 GPMC_A[7] 0x10 O PIN SPI[2]_D[0] 0x20 I/O PIN AJ7 EMAC[0]_MTXD[1]/ EMAC[0]_MTXD[1]/ PINCNTL251 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII EMAC[1]_RGTXD[1] EMAC[1]_RGTXD[1] 0x4814 0BE8 GPMC_A[8] 0x10 O PIN AK7 EMAC[0]_MTXD[2]/ EMAC[0]_MTXD[2]/ PINCNTL252 / 0x0004 0000 0x01 I/O PIN L L DVDD_RGMII EMAC[1]_RGTXCTL EMAC[1]_RGTXCTL 0x4814 0BEC EMAC[1]_RMRXD[0] 0x02 I PIN GPMC_A[9] 0x10 O PIN 40 Device Pins Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: DM385 DM388 |