Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM385 Fiches technique(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
No de pièce DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DM385 Fiches technique(HTML) 61 Page - Texas Instruments

Back Button DM385 Datasheet HTML 57Page - Texas Instruments DM385 Datasheet HTML 58Page - Texas Instruments DM385 Datasheet HTML 59Page - Texas Instruments DM385 Datasheet HTML 60Page - Texas Instruments DM385 Datasheet HTML 61Page - Texas Instruments DM385 Datasheet HTML 62Page - Texas Instruments DM385 Datasheet HTML 63Page - Texas Instruments DM385 Datasheet HTML 64Page - Texas Instruments DM385 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 3-11. Ball Characteristics (AAR Package) (continued)
BALL
PINCNTL
PINCNTL
BALL
MODE
RESET
BUFFER
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
REGISTER NAME
DEFAULT
TYPE [7] DSIS [8]
RESET
POWER [11]
HYS [12]
[6]
REL.
TYPE [13]
AND ADDRESS[4]
VALUE[5]
STATE [9]
STATE [10]
H2
VOUT[1]_R_CR[4]
VOUT[1]_R_CR[4]
PINCNTL222 /
0x0004 0000
0x01
O
PIN
L
L
DVDD
0x4814 0B74
EMAC[1]_MTXD[3]
0x02
O
PIN
VIN[1]A_D[15]
0x04
I
PIN
SPI[3]_SCS[1]
0x20
I/O
1
GP3[14]
0x80
I/O
PIN
M11
VOUT[1]_R_CR[5]
VOUT[1]_R_CR[5]
PINCNTL223 /
0x0004 0000
0x01
O
PIN
L
L
DVDD
0x4814 0B78
EMAC[1]_MTXD[4]
0x02
O
PIN
VIN[1]A_D[16]
0x04
I
PIN
SPI[3]_SCLK
0x20
I/O
1
GP3[15]
0x80
I/O
PIN
L12
VOUT[1]_R_CR[6]
VOUT[1]_R_CR[6]
PINCNTL224 /
0x0004 0000
0x01
O
PIN
L
L
DVDD
0x4814 0B7C
EMAC[1]_MTXD[5]
0x02
O
PIN
VIN[1]A_D[17]
0x04
I
PIN
SPI[3]_D[1]
0x20
I/O
PIN
GP3[16]
0x80
I/O
PIN
M10
VOUT[1]_R_CR[7]
VOUT[1]_R_CR[7]
PINCNTL225 /
0x0004 0000
0x01
O
PIN
L
L
DVDD
0x4814 0B80
EMAC[1]_MTXD[6]
0x02
O
PIN
VIN[1]A_D[18]
0x04
I
PIN
SPI[3]_D[0]
0x20
I/O
PIN
GP3[17]
0x80
I/O
PIN
J2
VOUT[1]_R_CR[8]
VOUT[1]_R_CR[8]
PINCNTL226 /
0x0004 0000
0x01
O
PIN
L
L
DVDD
0x4814 0B84
EMAC[1]_MTXD[7]
0x02
O
PIN
VIN[1]A_D[19]
0x04
I
PIN
GP3[18]
0x80
I/O
PIN
K2
VOUT[1]_R_CR[9]
VOUT[1]_R_CR[9]
PINCNTL227 /
0x0004 0000
0x01
O
PIN
L
L
DVDD
0x4814 0B88
EMAC[1]_MTXEN
0x02
O
PIN
VIN[1]A_D[20]
0x04
I
PIN
GP3[19]
0x80
I/O
PIN
F5
VOUT[1]_VSYNC
VOUT[1]_VSYNC
PINCNTL206 /
0x0004 0000
0x01
O
PIN
L
L
DVDD
0x4814 0B34
EMAC[1]_MCRS
0x02
I
0
VIN[1]A_FLD
0x04
I
0
VIN[1]A_DE
0x08
I
0
SPI[3]_D[0]
0x10
I/O
PIN
GP2[30]
0x80
I/O
PIN
AL18
VREFSSTL_DDR[0]
VREFSSTL_DDR[0]
NA /
NA
NA
PWR
NA
NA
NA
DVDD_DDR[0]
NA
Copyright © 2013, Texas Instruments Incorporated
Device Pins
61
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More