| Moteur de recherche de fiches techniques de composants électroniques |
|
DM385 Fiches technique(PDF) 63 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385 Fiches technique(HTML) 63 Page - Texas Instruments |
|
63 / 281 page ![]() DM385, DM388 www.ti.com SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 3.3 Terminal Functions The terminal functions tables identify the external signal names, the associated pin (ball) numbers along with the mechanical package designator, the pin type, whether the pin has any internal pullup or pulldown resistors, and a functional pin description. For more detailed information on device configurations, peripheral selection, and multiplexed/shared pin see Device Configurations section. (1) SIGNAL NAME: The signal name (2) DESCRIPTION: Description of the signal (3) TYPE: Ball type for this specific function: – I = Input – O = Output – I/O = Input/Output – D = Open drain – DS = Differential – A = Analog (4) BALL: Package ball location 3.3.1 Audio Tracking Logic (ATL) Table 3-12. ATL Terminal Functions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] ATL_CLKOUT0 Audio Tracking Logic Clock 0 Output O AF31 ATL_CLKOUT1 Audio Tracking Logic Clock 1 Output O AF31 ATL_CLKOUT2 Audio Tracking Logic Clock 2 Output O AF27 ATL_CLKOUT3 Audio Tracking Logic Clock 3 Output O AG30 Copyright © 2013, Texas Instruments Incorporated Device Pins 63 Submit Documentation Feedback Product Folder Links: DM385 DM388 |