| Moteur de recherche de fiches techniques de composants électroniques |
|
DM385 Fiches technique(PDF) 44 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385 Fiches technique(HTML) 44 Page - Texas Instruments |
|
44 / 281 page ![]() DM385, DM388 SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 www.ti.com Table 3-11. Ball Characteristics (AAR Package) (continued) BALL PINCNTL PINCNTL BALL MODE RESET BUFFER BALL NUMBER [1] BALL NAME [2] SIGNAL NAME [3] REGISTER NAME DEFAULT TYPE [7] DSIS [8] RESET POWER [11] HYS [12] [6] REL. TYPE [13] AND ADDRESS[4] VALUE[5] STATE [9] STATE [10] T1 GPMC_D[8] GPMC_D[8] PINCNTL97 / 0x0005 0000 0x01 I/O PIN Z Z DVDD_GPMC 0x4814 0980 BTMODE[8] 0x80 I PIN T8 GPMC_D[9] GPMC_D[9] PINCNTL98 / 0x0005 0000 0x01 I/O PIN Z Z DVDD_GPMC 0x4814 0984 BTMODE[9] 0x80 I PIN R6 GPMC_D[10] GPMC_D[10] PINCNTL99 / 0x0005 0000 0x01 I/O PIN Z Z DVDD_GPMC 0x4814 0988 BTMODE[10] 0x80 I PIN R4 GPMC_D[11] GPMC_D[11] PINCNTL100 / 0x0005 0000 0x01 I/O PIN Z Z DVDD_GPMC 0x4814 098C BTMODE[11] 0x80 I PIN R3 GPMC_D[12] GPMC_D[12] PINCNTL101 / 0x0005 0000 0x01 I/O PIN Z Z DVDD_GPMC 0x4814 0990 BTMODE[12] 0x80 I PIN R2 GPMC_D[13] GPMC_D[13] PINCNTL102 / 0x0005 0000 0x01 I/O PIN Z Z DVDD_GPMC 0x4814 0994 BTMODE[13] 0x80 I PIN R1 GPMC_D[14] GPMC_D[14] PINCNTL103 / 0x0005 0000 0x01 I/O PIN Z Z DVDD_GPMC 0x4814 0998 BTMODE[14] 0x80 I PIN P2 GPMC_D[15] GPMC_D[15] PINCNTL104 / 0x0005 0000 0x01 I/O PIN Z Z DVDD_GPMC 0x4814 099C BTMODE[15] 0x80 I PIN Y8 GPMC_OE_RE GPMC_OE_RE PINCNTL129 / 0x0006 0000 0x01 O PIN H H DVDD_GPMC 0x4814 0A00 W8 GPMC_WAIT[0] GPMC_WAIT[0] PINCNTL133 / 0x0006 0000 0x01 I 1 H H DVDD_GPMC 0x4814 0A10 GPMC_A[26] 0x02 O PIN EDMA_EVT0 0x20 I PIN GP1[31] 0x80 I/O PIN Y5 GPMC_WE GPMC_WE PINCNTL130 / 0x0006 0000 0x01 O PIN H H DVDD_GPMC 0x4814 0A04 A9 HDDAC_A HDDAC_A NA / NA 0x01 O NA NA NA VDDA_VDAC_1P8 NA A8 HDDAC_B HDDAC_B NA / NA 0x01 O NA NA NA VDDA_VDAC_1P8 NA B8 HDDAC_C HDDAC_C NA / NA 0x01 O NA NA NA VDDA_VDAC_1P8 NA E9 HDDAC_HSYNC HDDAC_HSYNC NA / NA 0x01 O NA L L DVDD NA B6 HDDAC_IREF HDDAC_IREF NA / NA 0x01 I/O NA NA NA VDDA_VDAC_1P8 NA B7 HDDAC_VREF HDDAC_VREF NA / NA 0x01 I NA NA NA VDDA_VDAC_1P8 NA D9 HDDAC_VSYNC HDDAC_VSYNC NA / NA 0x01 O NA L L DVDD NA B15 HDMI_CLKN HDMI_CLKN NA / NA 0x01 O NA NA NA VDDA_HDMI_1P8 NA A15 HDMI_CLKP HDMI_CLKP NA / NA 0x01 O NA NA NA VDDA_HDMI_1P8 NA 44 Device Pins Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: DM385 DM388 |