| Moteur de recherche de fiches techniques de composants électroniques |
|
DM385 Fiches technique(PDF) 50 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385 Fiches technique(HTML) 50 Page - Texas Instruments |
|
50 / 281 page ![]() DM385, DM388 SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 www.ti.com Table 3-11. Ball Characteristics (AAR Package) (continued) BALL PINCNTL PINCNTL BALL MODE RESET BUFFER BALL NUMBER [1] BALL NAME [2] SIGNAL NAME [3] REGISTER NAME DEFAULT TYPE [7] DSIS [8] RESET POWER [11] HYS [12] [6] REL. TYPE [13] AND ADDRESS[4] VALUE[5] STATE [9] STATE [10] G29 SPI[0]_SCS[0] SPI[0]_SCS[0] PINCNTL81 / 0x0006 0000 0x01 I/O PIN H H DVDD 0x4814 0940 G28 SPI[0]_SCS[1] SPI[0]_SCS[1] PINCNTL80 / 0x0006 0000 0x01 I/O 1 H H DVDD 0x4814 093C SD1_SDCD 0x02 I 1 EDMA_EVT1 0x20 I PIN TIM4_IO 0x40 I/O PIN GP1[6] 0x80 I/O PIN N23 SPI[1]_D[0] SPI[1]_D[0] PINCNTL88 / 0x0006 0000 0x01 I/O PIN H H DVDD 0x4814 095C GP1[26] 0x80 I/O PIN M27 SPI[1]_D[1] SPI[1]_D[1] PINCNTL87 / 0x0006 0000 0x01 I/O PIN H H DVDD 0x4814 0958 GP1[18] 0x80 I/O PIN M29 SPI[1]_SCLK SPI[1]_SCLK PINCNTL86 / 0x0006 0000 0x01 I/O PIN H H DVDD 0x4814 0954 GP1[17] 0x80 I/O PIN J29 SPI[1]_SCS[0] SPI[1]_SCS[0] PINCNTL85 / 0x0006 0000 0x01 I/O PIN H H DVDD 0x4814 0950 GP1[16] 0x80 I/O PIN T29 TCLK TCLK NA / NA 0x01 I NA H H DVDD NA N28 TDI TDI NA / NA 0x01 I NA H H DVDD NA U26 TDO TDO NA / NA 0x01 O NA H H DVDD NA T31 TMS TMS NA / NA 0x01 I NA H H DVDD NA U24 TRST TRST NA / NA 0x01 I NA L L DVDD NA B9 TV_OUT0 TV_OUT0 NA / NA 0x01 O NA NA NA VDDA_VDAC_1P8 NA B11 TV_RSET TV_RSET NA / NA 0x01 A NA NA NA VDDA_VDAC_1P8 NA B10 TV_VFB0 TV_VFB0 NA / NA 0x01 O NA NA NA VDDA_VDAC_1P8 NA D30 UART0_CTS UART0_CTS PINCNTL72 / 0x000E 0000 0x01 I/O 1 H H DVDD 0x4814 091C SPI[1]_SCS[3] 0x10 I/O 1 SD0_SDCD 0x40 I 1 E31 UART0_DCD UART0_DCD PINCNTL74 / 0x000E 0000 0x01 I 1 H H DVDD 0x4814 0924 SPI[0]_SCS[3] 0x10 I/O 1 I2C[2]_SCL 0x20 I/O 1 SD1_POW 0x40 O PIN GP1[2] 0x80 I/O PIN 50 Device Pins Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: DM385 DM388 |