| Moteur de recherche de fiches techniques de composants électroniques |
|
DM385 Fiches technique(PDF) 167 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385 Fiches technique(HTML) 167 Page - Texas Instruments |
|
167 / 281 page ![]() DM385, DM388 www.ti.com SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 Table 8-3. EDMA Multiplexed Synchronization Events (continued) EVT_MUX_x MULTIPLEXED MULTIPLEXED EVENT DESCRIPTION VALUE EVENT NAME 18 SPI2XEVT1 SPI2 Transmit 1 19 SPI2REVT1 SPI2 Receive 1 20 SPI3XEVT0 SPI3 Transmit 0 21 SPI3REVT0 SPI3 Receive 0 22 – Reserved 23 TINT1 TIMER1 24 TINT2 TIMER2 25 TINT3 TIMER3 26 – Reserved 27 – Reserved 28 EDMAEVT0 EDMA_EVT0 Pin 29 EDMAEVT1 EDMA_EVT1 Pin 30 EDMAEVT2 EDMA_EVT2 Pin 31 EDMAEVT3 EDMA_EVT3 Pin 8.4.2 EDMA Peripheral Register Description The EDMA peripheral registers are described in the device-specific Technical Reference Manual. Each register is documented as an offset from a base address for the peripheral. The base addresses for all of the peripherals are in the device memory map (see Section 2.10). Copyright © 2013, Texas Instruments Incorporated Peripheral Information and Timings 167 Submit Documentation Feedback Product Folder Links: DM385 DM388 |