Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM385 Fiches technique(PDF) 160 Page - Texas Instruments

Click here to check the latest version.
No de pièce DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DM385 Fiches technique(HTML) 160 Page - Texas Instruments

Back Button DM385 Datasheet HTML 156Page - Texas Instruments DM385 Datasheet HTML 157Page - Texas Instruments DM385 Datasheet HTML 158Page - Texas Instruments DM385 Datasheet HTML 159Page - Texas Instruments DM385 Datasheet HTML 160Page - Texas Instruments DM385 Datasheet HTML 161Page - Texas Instruments DM385 Datasheet HTML 162Page - Texas Instruments DM385 Datasheet HTML 163Page - Texas Instruments DM385 Datasheet HTML 164Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Table 7-26. ARM Cortex-A8 Interrupt Controller (AINTC) Interrupt Sources (continued)
Cortex-A8
ACRONYM
SOURCE
INTERRUPT NUMBER
40
3PGSWRXTHR0
EMAC Switch RX Threshold
41
3PGSWRXINT0
EMAC Switch Receive
42
3PGSWTXINT0
EMAC Switch Transmit
43
3PGSWMISC0
EMAC Switch Miscellaneous
44-47
–
Reserved
48
PCIINT0
PCIe
49
PCIINT1
PCIe
50
PCIINT2
PCIe
51
PCIINT3
PCIe
52-61
–
Reserved
62
GPIOINT3A
GPIO3
63
GPIOINT3B
GPIO3
64
SDINT0
MMC/SD0
65
SPIINT0
SPI0
66
-
Reserved
67
TINT1
TIMER1
68
TINT2
TIMER2
69
TINT3
TIMER3
70
I2CINT0
I2C0
71
I2CINT1
I2C1
72
UARTINT0
UART0
73
UARTINT1
UART1
74
UARTINT2
UART2
75
RTCINT
RTC
76
RTCALARMINT
RTC Alarm
77
MBINT
Mailbox
78
–
Reserved
79
PLLINT
PLL Recalculation Interrupt
80
MCATXINT0
McASP0 Transmit
81
MCARXINT0
McASP0 Receive
82
MCATXINT1
McASP1 Transmit
83
MCARXINT1
McASP1 Receive
84
–
Reserved
85
–
Reserved
86
–
Reserved
87
–
Reserved
88
–
Reserved
89
–
Reserved
90
SMRFLX_HDVICP
SmartReflex HDVICP Domain
91
–
Reserved
92
TINT4
TIMER4
93
TINT5
TIMER5
94
TINT6
TIMER6
95
TINT7
TIMER7
96
GPIOINT0A
GPIO0
97
GPIOINT0B
GPIO0
98
GPIOINT1A
GPIO1
160
Power, Reset, Clocking, and Interrupts
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More