| Moteur de recherche de fiches techniques de composants électroniques |
|
DM385 Fiches technique(PDF) 107 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385 Fiches technique(HTML) 107 Page - Texas Instruments |
|
107 / 281 page ![]() DM385, DM388 www.ti.com SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 Table 3-56. Video Output 1 (Digital) Terminal Functions (continued) SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] VOUT[1]_R_CR[8] Video Output Data. These signals represent the 8 MSBs O J2 of R/Cr video data. For RGB mode they are red data bits, for YUV444 mode they are Cr (Chroma) data bits, for Y/C mode and BT.656 modes they are unused. VOUT[1]_R_CR[9] Video Output Data. These signals represent the 8 MSBs O K2 of R/Cr video data. For RGB mode they are red data bits, for YUV444 mode they are Cr (Chroma) data bits, for Y/C mode and BT.656 modes they are unused. VOUT[1]_VSYNC Video Output Vertical Sync output. This is the discrete O F5 vertical synchronization output. This signal is not used for embedded sync modes. Copyright © 2013, Texas Instruments Incorporated Device Pins 107 Submit Documentation Feedback Product Folder Links: DM385 DM388 |