| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4142 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4142 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 38 page ![]() AN4142 Why migrate from revision 13 to revision 14 of datasheet STM32W108xx? Doc ID 023458 Rev 1 5/38 1 Why migrate from revision 13 to revision 14 of datasheet STM32W108xx? The revision 14 of the STM32W108xx datasheet is an updated version of revision 13 of the datasheet that supports the standard naming (clocks oscillators, bits, registers...) used inside the STM32Fxx standard microcontrollers documentations. This revision 14 of the STM32W108xx is an aligned version with the available firmware STM32W108xx_StdPeriph_Lib_V1.0.0. In this version, the missing registers that are used in the old HAL and not documented in the revision 13 of the datasheet are added. In addition the structures for the available registers are re-organized to be compatible with the StdLib and the memory mapping is added for each peripheral. |