Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4142 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4142
Description  STM32W108xx datasheet bit and register naming migration
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4142 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4142 Datasheet HTML 9Page - STMicroelectronics AN4142 Datasheet HTML 10Page - STMicroelectronics AN4142 Datasheet HTML 11Page - STMicroelectronics AN4142 Datasheet HTML 12Page - STMicroelectronics AN4142 Datasheet HTML 13Page - STMicroelectronics AN4142 Datasheet HTML 14Page - STMicroelectronics AN4142 Datasheet HTML 15Page - STMicroelectronics AN4142 Datasheet HTML 16Page - STMicroelectronics AN4142 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
wakes up from low power mode, so the user should check in the power wake up status register PWR_WAKESR which flag is
used to wake up the CPU then force the dedicated interrupt in the sleep timer force register SLPTMR_IFR.
●
The Sleep timer clock enables register SLEEPTMR_CLKEN is renamed by the sleep control register CLK_SLEEPCR and
moved to the clock section.
Table 8 gives the list of the changes made in the Sleep Timer bits and registers.
Table 8.
SLPTMR bits and registers overview
Offset
Register
STM32W108 SleepTimer bits/registers naming overview
0x600C
SLEEPTMR_
CFG
Reserved
SLEEPTMR
_REVERSE
SLEEPTMR
_ENABLE
SLEEPT
MR_DBG
PAUSE
Res.
SLEEPTMR_
CLKDIV
Reserved
SLEEPTMR_
CLKSEL
SLPTMR_
CR
Reserved
REVERSE
EN
DBGP
Res.
PSC
Reserved
CLKSEL
0x6010
SLEEPTMR_
CNTH
Res.
SLEEPTMR_CNTH
SLPTMR_
CNTH
Res.
CNTH
0x6014
SLEEPTMR_
CNTL
Res.
SLEEPTMR_CNTL
SLPTMR_
CNTL
Res.
CNTL
0x6018
SLEEPTMR_
CMPAH
Res.
SLEEPTMR_CMPAH
SLPTMR_
CMPAH
Res.
CMPAH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38