Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4142 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce AN4142
Description  STM32W108xx datasheet bit and register naming migration
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4142 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button AN4142 Datasheet HTML 28Page - STMicroelectronics AN4142 Datasheet HTML 29Page - STMicroelectronics AN4142 Datasheet HTML 30Page - STMicroelectronics AN4142 Datasheet HTML 31Page - STMicroelectronics AN4142 Datasheet HTML 32Page - STMicroelectronics AN4142 Datasheet HTML 33Page - STMicroelectronics AN4142 Datasheet HTML 34Page - STMicroelectronics AN4142 Datasheet HTML 35Page - STMicroelectronics AN4142 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
7
Analog-to-digital converter
For the ADC IP, there are no updates in term for structure but the only updates are related to the bits and registers naming.
7.1
STM32W108xx ADC Overview
Table 16 gives the list of the changes (renaming) made in the ADC bits and registers.
Table 16.
ADC bits and registers overview
Offset
Register
STM32W108xx ADC bits/registers naming overview
0xD004
ADC_CFG
Res
ADC_
PERIOD
ADC_
HVSELP
ADC_
HVSELN
ADC_MUXP
ADC_MUXN
ADC_
1MHZCLK
Reserved
ADC_
ENABLE
ADC_CR
Res SMP[2:0] HVSELP HVSELN CHSELP[3:0]
CHSELN[3:0]
CLK
Reserved
ADON
0xD008
ADC_
OFFSET
Res
ADC_OFFSET_FIELD
ADC_
OFFSETR
Res
OFFSET[15:0]
0xD00C
ADC_GAIN
Res
ADC_GAIN_FIELD
ADC_
GAINR
Res
GAIN[15:0]
0xD010
ADC_
DMACFG
Reserved
ADC_
DMARST
Reserved
ADC_DMAAUT
OWRAP
ADC_
DMALOAD
ADC_
DMACR
Reserved
RST
Reserved
AUTOWRAP
LOAD
0xD014
ADC_
DMASTAT
Reserved
ADC_
DMAOVF
ADC_
DMAACT
ADC_
DMASR
Reserved
OVF
ACT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38