Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4142 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN4142
Description  STM32W108xx datasheet bit and register naming migration
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4142 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN4142 Datasheet HTML 17Page - STMicroelectronics AN4142 Datasheet HTML 18Page - STMicroelectronics AN4142 Datasheet HTML 19Page - STMicroelectronics AN4142 Datasheet HTML 20Page - STMicroelectronics AN4142 Datasheet HTML 21Page - STMicroelectronics AN4142 Datasheet HTML 22Page - STMicroelectronics AN4142 Datasheet HTML 23Page - STMicroelectronics AN4142 Datasheet HTML 24Page - STMicroelectronics AN4142 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
4.3
Debug management
This part will contain the required registers for the debug mode.
4.3.1
STM32W108xx DBG Overview
The GPIO PC trace control register GPIO_PCTRACECR is added to selects PC trace source on baseband debug GPIO pins.
Table 13 gives the list of the changes (renaming) made in the DBG bits and registers.
Table 13.
WDG bits and registers overview
Address
(DBG)
Register
STM32W108xx EXTI bits/registers naming overview
0x4028
GPIO_PCTRACECR
Reserved
SEL
0x402C-
0xBBFC
Reserved
0xBC00
GPIO_DBGCFG
Reserved
GPIO_DE
BUGDIS
GPIO_EXT
REGEN
Reserved
GPIO_DBGCR
Reserved
DBGDIS
EXTREGEN
Reserved
0xBC04
GPIO_DBGSTAT
Reserved
GPIO_
BOOTMODE
Reserved
GPIO_
FORCEDBG
GPIO_SWEN
GPIO_DBGSR
Reserved
BOOTMODE
Reserved
FORCEDBG
SWEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38