Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4142 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce AN4142
Description  STM32W108xx datasheet bit and register naming migration
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4142 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button AN4142 Datasheet HTML 29Page - STMicroelectronics AN4142 Datasheet HTML 30Page - STMicroelectronics AN4142 Datasheet HTML 31Page - STMicroelectronics AN4142 Datasheet HTML 32Page - STMicroelectronics AN4142 Datasheet HTML 33Page - STMicroelectronics AN4142 Datasheet HTML 34Page - STMicroelectronics AN4142 Datasheet HTML 35Page - STMicroelectronics AN4142 Datasheet HTML 36Page - STMicroelectronics AN4142 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
0xD018
ADC_
DMABEG
Reserved
ADC_DMABEG
ADC_
DMAMSAR
Reserved
MSA[13:0]
0xD01C
ADC_
DMASIZE
Reserved
ADC_DMASIZE_FIELD
ADC_
DMANDTR
Reserved
NDT[12:0]
0xD020
ADC_
DMACUR
Reserved
ADC_DMACUR_FIELD
Reserved
ADC_
DMAMNAR
Reserved
MNA[13:0]
Reserved
0xD024
ADC_
DMACNT
Reserved
ADC_DMACNT_FIELD
ADC_
DMACNDTR
Reserved
CNDT[12:0]
0xA810
INT_
ADCFLAG
Reserved
INT_
ADCOVF
INT_
ADCSAT
INT_
ADCULDFULL
INT_
ADCULDHALF
Reserved
ADC_ISR
Reserved
DMAOVF
SAT
DMABF
Reserved
0xA850
INT_
ADCCFG
Reserved
INT_
ADCOVF
INT_
ADCSAT
INT_
ADCULDFULL
INT_
ADCULDHALF
Reserved
ADC_IER
Reserved
DMAOVFIE
SATIE
DMABFIE
Reserved
Table 16.
ADC bits and registers overview
Offset
Register
STM32W108xx ADC bits/registers naming overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38