Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4142 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN4142
Description  STM32W108xx datasheet bit and register naming migration
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4142 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN4142 Datasheet HTML 18Page - STMicroelectronics AN4142 Datasheet HTML 19Page - STMicroelectronics AN4142 Datasheet HTML 20Page - STMicroelectronics AN4142 Datasheet HTML 21Page - STMicroelectronics AN4142 Datasheet HTML 22Page - STMicroelectronics AN4142 Datasheet HTML 23Page - STMicroelectronics AN4142 Datasheet HTML 24Page - STMicroelectronics AN4142 Datasheet HTML 25Page - STMicroelectronics AN4142 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
5
Serial interfaces
The STM32W108 has two serial controllers: SC1 and SC2, the register organization in the Datasheet Rev 14 for these IP are
presented as following:
●
Serial Controller common registers
●
Serial peripheral interface registers
●
Inter-Integrated circuit registers
●
Universal Asynchronous Receiver/Transmitter registers (available for SC1 only)
●
Direct memory access registers
5.1
STM32W108xx Serial control Overview
Table 14 gives the list of the changes (renaming) made in the SC bits and registers.
Table 14.
SC bits and registers overview
Offset
(SC1/
SC2)
Register
STM32W108xx EXTI bits/registers naming overview
Serial Controller (Common registers)
0xA808
0xA80C
INT_
SCxFLAG
Res.
SCx_ISR
Res.
PE FE
NACK
CMDFIN
BTF
BRF
UDR
OVR
IDLE
TXE
RXNE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38