| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4142 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4142 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 38 page ![]() 6 General-purpose timers In addition to the flash memory interface the timer IP is the same as the one used in the STM32Fxx microcontroller's families, so almost of the bits and registers are already aligned with the standard naming except the registers that are used to manage the timer interrupts (INT_TIMxCFG, INT_TIMxFLAG and INT_TIMxMISS registers). 6.1 STM32W108xx Timers Overview 0 Table 15. TIM bits and registers overview Offset (TIM1/ TIM2) Register STM32W108xx GPTimer bits/registers naming overview 0xE000 0xF000 TIMx_ CR1 Reserved TIM_ ARBE TIM_ CMS TIM_ DIR TIM_ OPM TIM_ URS TIM_ UDIS TIM_ CEN TIMx_ CR1 Reserved ARPE CMS DIR OPM URS UDIS CEN 0xE004 0xF004 TIMx_ CR2 Reserved TIM_ TI1S TIM_MMS Reserved TIMx_ CR2 Reserved TI1S MMS Reserved 0xE008 0xF008 TIMx_ SMCR Res TIM_ ETP TIM_ ECE TIM_ETPS TIM_ETF TIM_ MSM TIM_TS Res. TIM_SMS TIMx_ SMCR Res ETP ECE ETPS ETF MSM TS Res. SMS 0xE014 0xF014 TIMx_ EGR Reserved TIM_TG Res TIM_ CC4G TIM_ CC3G TIM_ CC2G TIM_ CC1G TIM_ UG TIMx_ EGR Reserved TG Res CC4G CC3G CC2G CC1G UG |