Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4142 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce AN4142
Description  STM32W108xx datasheet bit and register naming migration
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4142 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button AN4142 Datasheet HTML 16Page - STMicroelectronics AN4142 Datasheet HTML 17Page - STMicroelectronics AN4142 Datasheet HTML 18Page - STMicroelectronics AN4142 Datasheet HTML 19Page - STMicroelectronics AN4142 Datasheet HTML 20Page - STMicroelectronics AN4142 Datasheet HTML 21Page - STMicroelectronics AN4142 Datasheet HTML 22Page - STMicroelectronics AN4142 Datasheet HTML 23Page - STMicroelectronics AN4142 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
0xA860
GPIO_INTCFGA
Reserved
GPIO_INTFILT
GPIO_INTMOD
Reserved
EXTIA_TSR
Reserved
FILTEN
INTMOD
Reserved
0xA864
GPIO_INTCFGB
Reserved
GPIO_INTFILT
GPIO_INTMOD
Reserved
EXTIB_TSR
Reserved
FILTEN
INTMOD
Reserved
0xA868
GPIO_INTCFGC
Reserved
GPIO_INTFILT
GPIO_INTMOD
Reserved
EXTIC_TSR
Reserved
FILTEN
INTMOD
Reserved
0xA86C
GPIO_INTCFGD
Reserved
GPIO_INTFILT
GPIO_INTMOD
Reserved
EXTID_TSR
Reserved
FILTEN
INTMOD
Reserved
0xA870-
0xBC10
Reserved
0xBC18
GPIO_IRQCSEL
Reserved
GPIO_SEL
EXTIC_CR
res
Reserved
GPIO_SEL[4:0]
0xBC14
GPIO_IRQDSEL
Reserved
GPIO_SEL
EXTID_CR
res
Reserved
GPIO_SEL[4:0]
Table 12.
EXTI bits and registers overview
Offset
Register
STM32W108xx EXTI bits/registers naming overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38