Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4142 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN4142
Description  STM32W108xx datasheet bit and register naming migration
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4142 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN4142 Datasheet HTML 5Page - STMicroelectronics AN4142 Datasheet HTML 6Page - STMicroelectronics AN4142 Datasheet HTML 7Page - STMicroelectronics AN4142 Datasheet HTML 8Page - STMicroelectronics AN4142 Datasheet HTML 9Page - STMicroelectronics AN4142 Datasheet HTML 10Page - STMicroelectronics AN4142 Datasheet HTML 11Page - STMicroelectronics AN4142 Datasheet HTML 12Page - STMicroelectronics AN4142 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
3
System modules
This section describes the system module peripherals (RST, CLK, System timers, PWR) bits and registers migration from revision
13 to revision 14 of the STM32W108xx datasheet.
3.1
Resets
For the RST IP, there are no updates in term for structure but the only updates are related to the bits and registers naming.
3.1.1
STM32W108xx RST bits and registers overview
Table 5 gives the list of the changes (renaming) made in the RST bits and registers.
Table 5.
RST bits and registers overview
STM32W108xx RST bits/registers naming overview
0X002C
RESET_
EVENT
Reserved
CPU_
LOCKUP
OPT_BYTE
_FAIL
WAKE_UP_
DSLEEP
SW_
RST
W_
DOG
RSTB_
PIN
POWER_
LV
POWER_
HV
RST_SR
LKUP
OBFAIL
WKUP
SWRST
WDG
PIN
PWRLV
PWRHV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38