Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4141 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce AN4141
Description  Migration and compatibility guidelines for STM32W108xx microcontroller applications based on the HAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4141 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button AN4141 Datasheet HTML 34Page - STMicroelectronics AN4141 Datasheet HTML 35Page - STMicroelectronics AN4141 Datasheet HTML 36Page - STMicroelectronics AN4141 Datasheet HTML 37Page - STMicroelectronics AN4141 Datasheet HTML 38Page - STMicroelectronics AN4141 Datasheet HTML 39Page - STMicroelectronics AN4141 Datasheet HTML 40Page - STMicroelectronics AN4141 Datasheet HTML 41Page - STMicroelectronics AN4141 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
DocID023425 Rev 2
39/42
AN4141
Migration application using the automatic script
STM32W108xx_SimpleMAC_V2.0.1\Utilities\STM32W108xx_HAL_Driver\micro\cortexm3
STM32W108xx_RF4CE_V2.0.1\Utilities\STM32W108xx_HAL_Driver\micro\cortexm3
4.
Create a new group named STM32W108xx_StdPeriph_Driver and link to this group all
the STM32W108xx peripheral drivers available in the following directory:
STM32W108xx_StdPeriph_Lib_V1.0.1\Libraries\STM32W108xx_StdPeriph_Driver\src
5.
Create a new group named STM32_EVAL and link to this group the user board
resources drivers available in the following directory:
Utilities\STM32_EVAL
Note:
The common boards resources drivers are provided in this path:
Utilities\STM32_EVAL\Common
6.
Add the following files to your project workspace setting:
stm32w108xx_it.c and stm32w108xx_it.h: the templates for these files are edited by
adding the required interrupts to manage the STM32W108xx_HAL_Driver. So, please
refer to the edited files available in the STM32W108xx_SimpleMAC_V2.0.1 package
(directory STM32W108xx_SimpleMAC_V2.0.1\Projects\SimpleMAC) or in the
STM32W108xx_RF4CE_V2.0.1 package (directory STM32W108xx_RF4CE_V2.0.1
\Projects\RF4CE).
stm32w108xx_conf.h: use the template for this file provided in the standard library
package: Projects\STM32W108xx_StdPeriph_Templates
7.
If you use the STM32W108 shared files, please refer to the new version for these files
available in directory STM32W108xx_SimpleMAC_V2.0.1\Utilities\Shared or in the
STM32W108xx_RF4CE_V2.0.1 package (directory STM32W108xx_RF4CE_V2.0.1
\Utilities\Shared)
8.
Create a new group named User_Application and link to this group the user source
files.
9.
Update the project include paths:
•
Update the simplemac\include path by Libraries\SimpleMAC\Include path.
•
Update the hal path by Utilities\STM32W108xx_HAL_Driver path.
•
Update the HAL\MICRO\CORTEXM3\STM32W108 path by
STM32W108xx_HAL_Driver\micro\cortexm3\stm32w108.
•
Update the shared path by Utilities\Shared path.
•
Add the Libraries\STM32W108xx_StdPeriph_Driver\inc path.
•
Add the CMSIS\Include path.
•
Add the Libraries\CMSIS\Device\ST\STM32W108xx\Include path.
•
Add the Utilities\STM32_EVAL path.
•
Add the Utilities\STM32_EVAL\MBxxx path (MBxxx can be MB851, MB950, MB951 or
MB954 according to the user board).
•
Add the Utilities\STM32_EVAL\Common path.
•
Add the Utilities\STM32W108xx_HAL_Driver\micro path.
•
Add the Utilities\STM32W108xx_HAL_Driver\micro\cortexm3path.
•
Add the Utilities\STM32W108xx_HAL_Driver\micro\generic\compiler path.
•
Add the Utilities\STM32W108xx_HAL_Driver\micro\cortexm3\bootloader path.
10. Define PLATFORM_HEADER in the preprocessor defined symbols as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42