| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4141 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4141 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 42 page ![]() DocID023425 Rev 2 33/42 AN4141 HAL to StdPeriph_Lib list of changes TIM_PWMIConfig() Configures the TIM peripheral according to the specified parameters in the TIM_ICInitStruct to measure an external PWM signal TIM_GetCapturex() Gets the TIMx Input Capture x value TIM_SetICxPrescaler() Sets the TIMx Input Capture x prescaler TIM_ITConfig() Enables or disables the specified TIM interrupts TIM_GenerateEvent() Configures the TIMx event to be generated by software TIM_GetITStatus() Checks whether the TIM interrupt has occurred or not TIM_ClearITPendingBit() Clears the TIMx's interrupt pending bits TIM_InternalClockConfig() Configures the TIMx internal Clock: disable Slave mode to clock the prescaler directly with the internal clock TIM_ITRxExternalClockConfig() Configures the TIMx Internal Trigger as External Clock TIM_TIxExternalClockConfig() Configures the TIMx Trigger as External Clock TIM_ETRClockMode1Config() Configures the External clock Mode1 TIM_ETRClockMode2Config() Configures the External clock Mode2 TIM_SelectInputTrigger() Selects the Input Trigger source TIM_SelectOutputTrigger() Selects the TIMx Trigger Output mode TIM_SelectSlaveMode() Selects the TIMx Slave mode TIM_SelectMasterSlaveMode() Sets or resets the TIMx Master/Slave mode TIM_ETRConfig() Configures the TIMx External Trigger (ETR) TIM_EncoderInterfaceConfig() Configures the TIMx Encoder Interface TIM_SelectHallSensor() Enables or disables the TIMx's Hall sensor interface TIM_ClockMaskConfig() Selects the TIMx Extenal trigger used in external clock mode 2 TIM_SelectExternalTriggerClock() Selects the TIMx Extenal trigger used in external clock mode 2 TIM_RemapCmd() Configures the TIM2 Remapping input capabilities TIx_Config() Configures the TIx as Input Table 19. STM32W108xx GPTimer driver overview (continued) StdPeriph_Driver API Functionality description |