Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4141 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN4141
Description  Migration and compatibility guidelines for STM32W108xx microcontroller applications based on the HAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4141 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN4141 Datasheet HTML 17Page - STMicroelectronics AN4141 Datasheet HTML 18Page - STMicroelectronics AN4141 Datasheet HTML 19Page - STMicroelectronics AN4141 Datasheet HTML 20Page - STMicroelectronics AN4141 Datasheet HTML 21Page - STMicroelectronics AN4141 Datasheet HTML 22Page - STMicroelectronics AN4141 Datasheet HTML 23Page - STMicroelectronics AN4141 Datasheet HTML 24Page - STMicroelectronics AN4141 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
DocID023425 Rev 2
21/42
AN4141
HAL to StdPeriph_Lib list of changes
•
Define function assert_failed in file main.c as follows:
#ifdef
USE_FULL_ASSERT
/**
* @brief
Reports the name of the source file and the source line
number
*
where the assert_param error has occurred.
* @param
file: pointer to the source file name
* @param
line: assert_param error line source number
* @retval None
*/
void assert_failed(uint8_t* file, uint32_t line)
{
/* User can add his own implementation to report the file name and
line number,
ex: printf("Wrong parameters value: file %s on line %d\r\n",
file, line) */
/* Infinite loop */
while (1)
{
}
}
#endif



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42