Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4141 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce AN4141
Description  Migration and compatibility guidelines for STM32W108xx microcontroller applications based on the HAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4141 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button AN4141 Datasheet HTML 14Page - STMicroelectronics AN4141 Datasheet HTML 15Page - STMicroelectronics AN4141 Datasheet HTML 16Page - STMicroelectronics AN4141 Datasheet HTML 17Page - STMicroelectronics AN4141 Datasheet HTML 18Page - STMicroelectronics AN4141 Datasheet HTML 19Page - STMicroelectronics AN4141 Datasheet HTML 20Page - STMicroelectronics AN4141 Datasheet HTML 21Page - STMicroelectronics AN4141 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
HAL to StdPeriph_Lib list of changes
AN4141
18/42
DocID023425 Rev 2
3
HAL to StdPeriph_Lib list of changes
3.1
STM32W108xx standard peripheral library files
3.1.1
Library core files
File reg.h does not exist any longer; it is replaced with files stm32w108xx.h and core_cm3.h.
•
File stm32w108xx.h contains:
–
STM32W peripheral memory mapping and physical register address definition
–
Peripheral structures
–
STM32W interrupt IRQ list
–
Specific options for the Cortex-M3 core
–
A specific define storing the STM32W108xx standard peripheral library version:
__STM32W108XX_STDPERIPH_VERSION
–
Configuration options:
The application must select the STM32 product it is operating with (only one define per
product).
/** Uncomment the line below according to the target STM32
device used in your
* application
*/
#if !defined (STM32W108C8) && !defined (STM32W108CB) && !defined
(STM32W108CC) && !defined (STM32W108CZ) && !defined
(STM32W108HB)
/* #define STM32W108C8 */
/*!< STM32W108C8: 64k FLASH */
/* #define STM32W108CB */
/*!< STM32W108CB: 128k FLASH */
/* #define STM32W108CC */
/*!< STM32W108CC: 256k FLASH */
/* #define STM32W108CZ */
/*!< STM32W108CZ: 192k FLASH */
/* #define STM32W108HB */
/*!< STM32W108HB: 128k FLASH */
#endif
The application must select whether the peripheral drivers are to be used or not.
#if !defined
(USE_STDPERIPH_DRIVER)
/**
* @brief Comment the line below if you will not use the
peripherals drivers.
* In this case, these drivers will not be included and the
application code will
* be based on direct access to peripherals registers
*/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42