| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4141 Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4141 Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 42 page ![]() DocID023425 Rev 2 35/42 AN4141 HAL to StdPeriph_Lib list of changes 3.3.11 FLASH The STM32W108 integrates a FLASH up to 256 K. The following table provides an overview of the StdPeriph functions that enable a standard use of the FLASH features. Table 21. STM32W108xx FLASH driver overview StdPeriph_Driver API Functionality description FPEC_ClockCmd() Enables or disables the FPEC clock FLASH_Status FLASH_ErasePage() Erases a specified FLASH page FLASH_Status FLASH_EraseAllPages() Erases all FLASH pages FLASH_ProgramHalfWord() Programs a half word at a specified address FLASH_Status FLASH_ProgramWord() Programs a word at a specified address void FLASH_HalfCycleAccessCmd() Enables or disables the Half cycle flash access FLASH_Status FLASH_EraseOptionBytes() Erases all option bytes except the Read protection (RDP) FLASH_Status FLASH_EnableWriteProtection() Write protects the desired pages FLASH_Status FLASH_ReadOutProtection() Enables or disables the read out protection FLASH_GetWriteProtectionOptionByte() Returns the FLASH Write Protection Option Bytes Register value FLASH_GetReadOutProtectionStatus() Checks whether the FLASH Read Out Protection Status is set or not FLASH_ITConfig() Enables or disables the specified FLASH interrupts FLASH_GetFlagStatus() Checks whether the specified FLASH flag is set or not FLASH_ClearFlag() Clears the FLASH's pending flags FLASH_Status FLASH_GetStatus() Returns the FLASH Status. The returned value can be: FLASH_BUSY, FLASH_ERROR_PG, FLASH_ERROR_WRP or FLASH_COMPLETE. FLASH_WaitForLastOperation() Waits for a Flash operation to complete or a TIMEOUT to occur FLASH_SetLatency() Sets the code latency value FLASH_GetPrefetchBufferStatus() Checks whether the FLASH Prefetch Buffer status is set or not FLASH_PrefetchBufferCmd() Enables or disables the Prefetch Buffer |