| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4141 Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4141 Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 42 page ![]() STM32W108xx packages AN4141 16/42 DocID023425 Rev 2 New package description Table 4 describes the content of every new folder in the newSTM32W108xx ZigBee RF4CE package. Table 4. STM32W108xx ZigBee RF4CE package V 2.0.1 Folders Folder contents Utilities STM32_EVAL Specific driver for the MB851, MB950, MB951 and MB954 evaluation boards iap_bootloader IAP bootloader application Shared Shared files Prebuilt Prebuilt images (it also includes STM32W108CC RF4CE network coprocessor binary images for UART and SPI) STM32W108xx_HAL_Driver Hardware Abstraction Layer drivers Libraries STM32W108xx_StdPeriph_Driver src Source files for STM32W108xx standard peripheral drivers inc Files for STM32W108xx standard peripheral drivers RF4CE Include Interface definition for the RF4CE library functionality file Binary STM32W108xxRF4CE library CMSIS STM32W108xx CMSIS files: device peripheral access layer and core peripheral access layer PCApplet RF4CE PC Applet for RF4CE ZRC demo Tools Flasher STM32W flasher PCDriver Required PC driver Projects RF4CE ZRC Project and source files for ZRC demo ZID Project and source files for ZID demo ZID_ZRC Project and source files for ZID_ZRC demo ZRC_Coprocess or Project and source files for ZRC coprocessor demo _htmresc Package html page resources |