Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4141 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN4141
Description  Migration and compatibility guidelines for STM32W108xx microcontroller applications based on the HAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4141 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN4141 Datasheet HTML 5Page - STMicroelectronics AN4141 Datasheet HTML 6Page - STMicroelectronics AN4141 Datasheet HTML 7Page - STMicroelectronics AN4141 Datasheet HTML 8Page - STMicroelectronics AN4141 Datasheet HTML 9Page - STMicroelectronics AN4141 Datasheet HTML 10Page - STMicroelectronics AN4141 Datasheet HTML 11Page - STMicroelectronics AN4141 Datasheet HTML 12Page - STMicroelectronics AN4141 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Note:
Bold characters identify macros that have been changed. When the change has an impact on the HAL (driver or examples), gray
shading is added.
Table 2. HAL macros vs. CMSIS macros
HAL macros
CMSIS macros
HAL macros
CMSIS macros
__NOP
__NOP
DISABLE_INTERRUPTS()
DISABLE_INTERRUPTS()
__WFI
__WFI
SET_BASE_PRIORITY_LEVEL()
SET_BASE_PRIORITY_LEVEL()
__WFE
__WFE
halInternalIdleSleep()
__NOP();
__WFI();
__NOP();
__SEV
__SEV
_
__get_CONTROL
__ISB
__ISB
_
__set_CONTROL
__DSB
__DSB
_
__get_PSP
__DMB
__DMB
_
__set_PSP
_setPriMask()
__disable_irq() or
__disable_interrupt()
_
__get_MSP
_clearPriMask()
__enable_irq() or
__enable_interrupt()
_
__set_MSP
_readBasePri()
__get_BASEPRI
_
__enable_fault_irq
_writeBasePri(val)
__set_BASEPRI(val)
_
__disable_fault_irq
_enableBasePri()
__set_BASEPRI(0)
_
__get_FAULTMASK
_disableBasePri()
__set_BASEPRI(96)
_
__set_FAULTMASK(val)
_basePriIsDisabled
_
_
__REV16
INTERRUPTS_ON()
INTERRUPTS_ON()
_
__REV
INTERRUPTS_OFF()
INTERRUPTS_OFF()
_
__REVSH
_executeBarrierInstructions()
_
__RBIT
RESTORE_INTERRUPTS()
RESTORE_INTERRUPTS()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42