| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4141 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4141 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 42 page ![]() HAL to StdPeriph_Lib list of changes AN4141 32/42 DocID023425 Rev 2 3.3.9 GPTimer The GPTimer IP is not used by HAL. This IP is covered by the StdPeriph driver; the following table provides an overview of the StdPeriph functions that enable a standard use of the GPTimer features. Table 19. STM32W108xx GPTimer driver overview StdPeriph_Driver API Functionality description TIM_DeInit() Deinitializes the TIMx peripheral registers to their default reset values TIM_TimeBaseInit() Initializes the TIMx Time Base Unit peripheral according to the specified parameters in the TIM_TimeBaseInitStruct TIM_TimeBaseStructInit() Fills each TIM_TimeBaseInitStruct member with its default value TIM_PrescalerConfig() Configures the TIMx Prescaler TIM_CounterModeConfig() Specifies the TIMx Counter mode to be used TIM_SetCounter() Sets the TIMx Counter Register value TIM_SetAutoreload() Sets the TIMx Autoreload Register value TIM_GetCounter() Gets the TIMx Counter value TIM_GetPrescaler() Gets the TIMx Prescaler value TIM_UpdateDisableConfig() Enables or disables the TIMx Update event TIM_UpdateRequestConfig() Configures the TIMx Update Request Interrupt source TIM_ARRPreloadConfig() Enables or disables TIMx peripheral Preload register on ARR TIM_SelectOnePulseMode() Selects the TIMx's One Pulse mode TIM_Cmd() Enables or disables the specified TIM peripheral TIM_OCxInit() Initializes TIMx Channelx according to the specified parameters in the TIM_OCInitStruct TIM_OCStructInit() Fills each TIM_OCInitStruct member with its default value TIM_SelectOCxM() Selects the TIM Output Compare mode TIM_SetComparex() Sets the TIMx Capture Comparex Register value TIM_ForcedOCxConfig() Forces the TIMx output x waveform to active or inactive level TIM_OCxPreloadConfig() Enables or disables the TIMx peripheral Preload register on CCRx TIM_OCxFastConfig() Configures the TIMx Output Compare x Fast feature TIM_OCxPolarityConfig() Configures the TIMx channel x polarity TIM_CCxCmd() Enables or disables the TIM Capture Compare Channel x TIM_ICInit() Initializes the TIM peripheral according to the specified parameters in the TIM_ICInitStruct TIM_ICStructInit() Fills each TIM_ICInitStruct member with its default value |