Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4141 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN4141
Description  Migration and compatibility guidelines for STM32W108xx microcontroller applications based on the HAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4141 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN4141 Datasheet HTML 7Page - STMicroelectronics AN4141 Datasheet HTML 8Page - STMicroelectronics AN4141 Datasheet HTML 9Page - STMicroelectronics AN4141 Datasheet HTML 10Page - STMicroelectronics AN4141 Datasheet HTML 11Page - STMicroelectronics AN4141 Datasheet HTML 12Page - STMicroelectronics AN4141 Datasheet HTML 13Page - STMicroelectronics AN4141 Datasheet HTML 14Page - STMicroelectronics AN4141 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
DocID023425 Rev 2
11/42
AN4141
Why migrate from HAL to StdPeriph_Lib?
The scope of these defines is:
•
Interrupt IRQ channel definition inside the stm32w108xx.h file
•
Vector table, one startup file per product
•
Peripheral memory mapping and physical register address definition
•
Product configuration: external quartz (HSE) value, etc.
•
System configuration functions
•
Features with different/incompatible implementations across the family
These defines do not apply to peripheral drivers. These drivers always support the
features of the family superset.
1.4
STM32W108xx standard peripheral library architecture file
inclusion
Figure 2 illustrates the STM32W108xx file inclusion.
Figure 2. STM32W108xx standard peripheral library architecture
MS30941V1
stm32w108xx_it.c
stm32w108xx.h
core_cm3.h
system_stm32w108xx.c
Application.c
startup_stm32w108xx.s
system_stm32w108xx.h
Provided by ARM
stm32w108xx_it.h
stm32w108xx_conf.h
stm32w108xx_ppp.c
stm32w108xx_ppp.h
STM32W microcontroller
Peripheral driver files
CMIS files
User files



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42