| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 148 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 148 Page - STMicroelectronics |
|
148 / 162 page ![]() STM8 instruction set PM0044 148/162 Doc ID 13590 Rev 3 Syntax SRAW dst e.g. SRAW X Operation Description The destination is an index register. It performs a signed division by 2. The sign bit (15) is not modified. Instruction overview N ⇒ R15 Set if bit 7 of the result is set (negative value), cleared otherwise. Z ⇒ R15.R14.R13.R12.R11.R10.R9.R8.R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x0000), cleared otherwise. C ⇒ b0 Set if, before the shift, the LSB of register or memory was set, cleared otherwise. Detailed description See also: SRA, SRLW, SLLW, RRCW, RLCW, SWAPW SRAW Shift Right Arithmetic Word SRAW mnem dst Affected condition flags VI1 H I0 N Z C SRAW Reg - --- N Z bit0 dst Asm cy lgth Op-code(s) ST7 XSRAW X 2 1 57 YSRAW Y 2 2 90 57 b15 b15 b0 C |